Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIZ48N Datasheet (PDF) - International Rectifier

Part # IRFIZ48N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
File Size   109.29 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ48N Datasheet (PDF) - International Rectifier



Similar Part No. - IRFIZ48N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ48N ISC-IRFIZ48N Datasheet
261Kb / 2P
Isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFIZ48N ETC2-IRFIZ48N Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
International Rectifier
IRFIZ48NPBF IRF-IRFIZ48NPBF Datasheet
275Kb / 9P
POWER MOSFET
IRFIZ48NPBF IRF-IRFIZ48NPBF Datasheet
276Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFIZ48NPBF INFINEON-IRFIZ48NPBF Datasheet
506Kb / 9P
Advanced Process Technology
2017-04-27
More results


Similar Description - IRFIZ48N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFR2405 IRF-IRFR2405 Datasheet
129Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com