Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P920006 Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # P920006
Description  Internal Power Y-Splitter Dual Drive Cable (4Pin M to 2x 4Pin SOK), 6-in
File Size   472.65 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P920006 Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - P920006

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
FUJITSU Desktop ESPRIMO P920 E85
P920E90 FUJITSU-P920E90 Datasheet
182Kb / 9P
FUJITSU Desktop ESPRIMO P920 E90
More results


Similar Description - P920006

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
254775 ERNI-254775 Datasheet
683Kb / 1P
M12, 4pin / M8, 4pin
254779 ERNI-254779 Datasheet
651Kb / 1P
M8, 4pin / M12, 4pin
logo
List of Unclassifed Man...
P946-12I ETC2-P946-12I Datasheet
471Kb / 2P
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 12-in
logo
Tripp Lite. All Rights ...
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
P94406I TRIPPLITE-P94406I Datasheet
465Kb / 2P
Serial ATA (SATA) Power Cable (4Pin Molex to 15pin), 6-in
P94506I TRIPPLITE-P94506I Datasheet
469Kb / 2P
Serial ATA (SATA) Power Adapter Extender Cable (4pin-4pin plus 15pin SATA), 6-in
P94612I TRIPPLITE-P94612I Datasheet
470Kb / 2P
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 1x6-in. leg and 1x12-in leg
P576001 TRIPPLITE-P576001 Datasheet
470Kb / 2P
DMS-59 to Dual DVI Splitter Y Cable (M to 2x DVI-IF), 1-ft
P576-001 TRIPPLITE-P576-001 Datasheet
153Kb / 2P
DMS-59 to Dual DVI Splitter Y Cable (M to 2x DVII F), 1-ft.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com