Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT1004 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # NPT1004
Description  45W RF Power Transistor
File Size   541.82 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1004 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - NPT1004_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1004 ETC2-NPT1004 Datasheet
541Kb / 6P
Low cost, surface mount SOIC package
More results


Similar Description - NPT1004_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE367 NTE-NTE367 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz
logo
Mitsubishi Electric Sem...
RD45HMF1 MITSUBISHI-RD45HMF1 Datasheet
321Kb / 7P
Silicon MOSFET Power Transistor 900MHz,45W
logo
Tyco Electronics
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
logo
TriQuint Semiconductor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
logo
LinkCom Manufacturing C...
45W-LCCE LINKCOM-45W-LCCE Datasheet
500Kb / 3P
45W Power Supply
logo
ETA-USA
VTB21-FWC12 ETA-USA-VTB21-FWC12 Datasheet
6Mb / 3P
45W Isolated Power Supply
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com