Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPTB00050 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # NPTB00050
Description  50W RF Power Transistor
File Size   510.09 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00050 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - NPTB00050_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
More results


Similar Description - NPTB00050_15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
POWER TRANSISTOR(6A,50W)
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Toshiba Semiconductor
S-AV17 TOSHIBA-S-AV17 Datasheet
150Kb / 3P
RF POWER AMPLIFIER MODULE(HAM, VHF 50W FM RF POWER AMPLIFIER MODULE)
17-Jul-1998
logo
Sanyo Semicon Device
STK415-090-E SANYO-STK415-090-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 50W50W
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
2channel class-AB Audio Power IC 50W50W
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
logo
Delta Electronics, Inc.
DPS-50AP-2-A DELTA-DPS-50AP-2-A Datasheet
1Mb / 3P
Total power 50W
DPS-50AP-2A DELTA-DPS-50AP-2A Datasheet
1Mb / 3P
Total power 50W
logo
Samtec, Inc
GRF1-C SAMTEC-GRF1-C Datasheet
508Kb / 1P
50W GANGED MICRO-MINI RF CABLE
GRF1-J SAMTEC-GRF1-J Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com