Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE325 Datasheet (PDF) - NTE Electronics

NTE325 Datasheet PDF - NTE Electronics
Part # NTE325
Download  NTE325 Download
File Size   22.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor 50W @ 30MHz

NTE325 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE325 Datasheet PDF - NTE Electronics

Part # NTE325
Download  NTE325 Click to download

File Size   22.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor 50W @ 30MHz

NTE325 Datasheet (HTML) - NTE Electronics


NTE325 Product details

Description:
The NTE325 is a silicon NPN RF power transistor in a T72H type package designed for power amplifier applications in industrial, commercial, and amateur radio equipment to 30MHz.

Features:
● Specified 12.5V, 30MHz Characteristics: Output Power = 50W Minimum Gain = 11dB Efficiency = 50%




Similar Part No. - NTE325

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE32 NTE-NTE32 Datasheet
20Kb / 2P
Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
Silicon NPN RF Power Transistor 40W @ 175MHz
NTE320F NTE-NTE320F Datasheet
27Kb / 3P
Silicon NPN RF Power Transistor 40W @ 175MHz
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE3220 NTE-NTE3220 Datasheet
25Kb / 3P
Optoisolator NPN Transistor Output
More results


Similar Description - NTE325

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE471 NTE-NTE471 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output PO = 100W @ 30MHz
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com