Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1327SDFC Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # DDR1327SDFC
Description  Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
File Size   504.69 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1327SDFC Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - DDR1327SDFC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
More results


Similar Description - DDR1327SDFC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1326SD TRIPPLITE-DDR1326SD Datasheet
509Kb / 2P
Dual Desk Mount for 13" to 26" Flat-Screen Displays
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SE TRIPPLITE-DWM1327SE Datasheet
503Kb / 2P
Full-Motion Wall-Mount for 13 to 27 Flat-Screen Displays
DWM1327SP TRIPPLITE-DWM1327SP Datasheet
509Kb / 2P
Full-Motion Wall-Mount w- Screen Level Adjustment for 13 to 27 Flat-Screen Displays
DDR1527SDC TRIPPLITE-DDR1527SDC Datasheet
493Kb / 3P
Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com