Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS-1W-M35 Datasheet (PDF) - BetLux Electronics

Part # TLS-1W-M35
Description  LED strip light, Mono color, 1W high power LED Module
File Size   162.09 Kbytes
Html View  1   2 
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-1W-M35 Datasheet (PDF) - BetLux Electronics



Similar Part No. - TLS-1W-M35

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UBC BETLUX-TLS-1W-M35UBC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UEC BETLUX-TLS-1W-M35UEC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UW2C BETLUX-TLS-1W-M35UW2C Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UWC BETLUX-TLS-1W-M35UWC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results


Similar Description - TLS-1W-M35

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-ML38 BETLUX-TLS-1W-ML38 Datasheet
174Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45 BETLUX-TLS-1W-ML45 Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-MS35 BETLUX-TLS-1W-MS35 Datasheet
476Kb / 1P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
LED strip light, Mono color, 5mm LEDs
REV NO: V.2
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML38_1W BETLUX-TLS-1W-ML38_1W Datasheet
174Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45_1W BETLUX-TLS-1W-ML45_1W Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-MS35_1W BETLUX-TLS-1W-MS35_1W Datasheet
476Kb / 1P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com