Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2326-18 Datasheet (PDF) - Linear Technology

Part # LTC2326-18
Description  True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
File Size   1154.51 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2326-18 Datasheet (PDF) - Linear Technology



Similar Part No. - LTC2326-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2326-18 LINER-LTC2326-18 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-18 LINER-LTC2326-18 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-18 LINER-LTC2326-18 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2326-18 LINER-LTC2326-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2326-18 LINER-LTC2326-18 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Similar Description - LTC2326-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2337-18 LINER-LTC2337-18_15 Datasheet
753Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2338-18 LINER-LTC2338-18_15 Datasheet
628Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-16 LINER-LTC2326-16 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com