Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1802 Datasheet (PDF) - RF Micro Devices

Part # RFPA1802
Description  Integrated Power Amplifier 1600MHz to 2000MHz
File Size   872.05 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1802 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFPA1802

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
More results


Similar Description - RFPA1802

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1920-47L STEALTH_MICROWAVE-SM1920-47L Datasheet
127Kb / 2P
1900-2000MHz 50 Watt Linear Power Amplifier
SM1920-47LQ STEALTH_MICROWAVE-SM1920-47LQ Datasheet
154Kb / 2P
1900-2000MHz 50 Watt Linear Power Amplifier FOR PCS APPLICATIONS
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
Voltage Controlled Oscillators 120 to 2000MHz
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPD3020 RFMD-RFPD3020 Datasheet
251Kb / 3P
45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
A-Data Technology
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
High speed up to 1600MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
High speed up to 1600MHz
logo
Maxim Integrated Produc...
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com