Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3020 Datasheet (PDF) - RF Micro Devices

RFPD3020 Datasheet PDF - RF Micro Devices
Part # RFPD3020
Download  RFPD3020 Download
File Size   251.13 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid

RFPD3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPD3020 Datasheet PDF - RF Micro Devices

Part # RFPD3020
Download  RFPD3020 Click to download

File Size   251.13 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid

RFPD3020 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPD3020

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Similar Description - RFPD3020

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200PH1 RFMD-D10040200PH1 Datasheet
265Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com