Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3020 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPD3020
Description  45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3020 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPD3020 Datasheet HTML 1Page - RF Micro Devices RFPD3020 Datasheet HTML 2Page - RF Micro Devices RFPD3020 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RFPD3020
DS121115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
123 5 7 8 9
R
O
Q
M
510mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
123 4 5 6 789
Pinning:
min
max
A
44,4
44,8
B
13,4
13,8
C19,9
20,9
D7,85
8,15
E12,45
12,75
F
37,9
38,3
G
3,95
4,2
H3,8
4,2
I25,2
25,6
J-
-
K4,0
4,4
L
27,0
27,4
M
11,1
12,1
N5,4
6,2
O
0,23
0,27
P0,42
0,48
Q2,24
2,84
R
2,04
3,04
S2,29
2,79
T
4,83
5,33
U
4,83
5,33
nominal
44,6 ±0,2
13,6 ±0,2
20,4 ±0,5
8 ±0,15
12,6 ±0,15
38,1 ±0,2
4 ±0,2
25,4 ±0,2
4 +0,2 / -0,05
UNC 6-32
4,2 ±0,2
27,2 ±0,2
11,6 ±0,5
5,8 ±0,4
0,25 ±0,02
0,45 ±0,03
2,54 ±0,3
2,54 ±0,5
2,54 ±0,25
5,08 ±0,25
5,08 ±0,25
All Dimensions in mm:
European
Projection
Notes:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com