Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3020 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD3020
Description  45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3020 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD3020 Datasheet HTML 1Page - RF Micro Devices RFPD3020 Datasheet HTML 2Page - RF Micro Devices RFPD3020 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
OUTPUT
INPUT
+VB
RFPD3020
45MHz to 1600MHz GaAs/GaN Power
Doubler Hybrid
The RFPD3020 is a hybrid power doubler amplifier module. The part employs GaAs
pHEMT die and GaN HEMT die, has high output capability, and is operated from
45MHz to 1600MHz. It provides excellent linearity and superior return loss perfor-
mance with low noise and optimal reliability.
Features
Excellent Linearity
Superior Return Loss
Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
Extremely High Output Capability
22.5dB Min. Gain at 1600MHz
450mA Max. at 24VDC
Applications
45 MHz to 1600MHz CATV
Amplifier Systems
DS121115
Package: SOT-115J
RFPD3020
45MHz to
1600MHz
GaAs/GaN
Power Dou-
bler Hybrid
RFPD3020
45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid


Similar Part No. - RFPD3020

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPD3020

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200PH1 RFMD-D10040200PH1 Datasheet
265Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com