Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3020 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPD3020
Description  45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3020 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPD3020 Datasheet HTML 1Page - RF Micro Devices RFPD3020 Datasheet HTML 2Page - RF Micro Devices RFPD3020 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
RFPD3020
DS121115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
60
dBmV
DC Supply Over-Voltage
(5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base
Temperature
-30 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VB = 24V; TMB = 30°C; ZS = ZL = 75
Power Gain
21.0
21.7
22.0
dB
f = 45MHz
22.5
23.5
24.5
dB
f = 1600MHz
Slope[1]
0.5
1.0
2.5
dB
f = 45MHz to 1600MHz
Flatness of Frequency Response
1.3
dB
Input Return Loss
-20
dB
f = 45MHz to 320MHz
-18
dB
f = 320MHz to 640MHz
-16
dB
f = 640MHz to 870MHz
-15
dB
f = 870MHz to 1200MHz
-14
dB
f = 1200MHz to 1600MHz
Output Return Loss
-20
dB
f = 45MHz to 320MHz
-19
dB
f = 320MHz to 640MHz
-18
dB
f = 640MHz to 870MHz
-13
dB
f = 870MHz to 1200MHz
-10
dB
f = 1200MHz to 1600MHz
Noise Figure
3.0
4.0
dB
f = 50MHz to 1600MHz
Total Current Consumption (DC)
420.0
450.0
mA
Distortion Data 45MHz to
550MHz
VB = 24V; TMB = 30°C; ZS = ZL = 75
CTB[3]
-77
-74
dBc
VO = 56.4dBmV at 1000MHz, 13.4dB
extrapolated tilt, 79 analog channels plus 75
digital channels (-6dB offset)[2]
XMOD[4]
-71
-68
dBc
CSO[5]
-71
-68
dBc
CIN[6]
63
66
dB
Notes:
1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2. 79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +43dBmV to +50dBmV tilted output level, plus 75 digital channels, -6dB offset relative to
the equivalent analog carrier.
3. Composite triple beat (CTB) is defined by the NCTA.
4. Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested.
5. Composite second order (CSO) (both sum and difference products) is defined by the NCTA.
6. Carrier to intermodulation noise (CIN) is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com