Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2235 Datasheet (PDF) - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
File Size   1281.73 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFPA2235

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-410 RFMD-RFPA2224PCK-410 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-411 RFMD-RFPA2224PCK-411 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-412 RFMD-RFPA2224PCK-412 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224SQ RFMD-RFPA2224SQ Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
More results


Similar Description - RFPA2235

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com