Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2235 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA2235
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA2235 Datasheet HTML 5Page - RF Micro Devices RFPA2235 Datasheet HTML 6Page - RF Micro Devices RFPA2235 Datasheet HTML 7Page - RF Micro Devices RFPA2235 Datasheet HTML 8Page - RF Micro Devices RFPA2235 Datasheet HTML 9Page - RF Micro Devices RFPA2235 Datasheet HTML 10Page - RF Micro Devices RFPA2235 Datasheet HTML 11Page - RF Micro Devices RFPA2235 Datasheet HTML 12Page - RF Micro Devices RFPA2235 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(VCC=VBIAS=VREG=5V, 2.11GHz to 2.17GHz Application Circuit)
-30
-25
-20
-15
-10
-5
0
2.05
2.1
2.15
2.2
2.25
Frequency (GHz)
Input Return Loss versus Frequency
25°C
-40°C
85°C
7
8
9
10
11
12
13
14
15
16
17
2.05
2.1
2.15
2.2
2.25
Frequency (GHz)
Gain versus Frequency
25°C
-40°C
85°C
-30
-25
-20
-15
-10
-5
0
2.05
2.1
2.15
2.2
2.25
Frequency (GHz)
Isolation versus Frequency
25°C
-40°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2.05
2.1
2.15
2.2
2.25
Frequency (GHz)
Output Return Loss versus Frequency
25°C
-40°C
85°C
0
1
2
3
4
5
6
7
8
9
10
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Noise Figure versus Frequency
25°C
85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
VREG Supply Voltage (V)
Quiescent Current versus VREG Supply Voltage
25°C
85°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com