Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB2082S Datasheet (PDF) - RF Micro Devices

Part # SBB2082S
Description  InGaP HBT Amplifier 50MHz to 850MHz
File Size   689.5 Kbytes
Html View  1   2   3   4   5 
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB2082S Datasheet (PDF) - RF Micro Devices



Similar Part No. - SBB2082S

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZPCK1 RFMD-SBB2089ZPCK1 Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZSQ RFMD-SBB2089ZSQ Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZSR RFMD-SBB2089ZSR Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Similar Description - SBB2082S

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com