Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTD113ZT Datasheet (PDF) - NXP Semiconductors

Part # PDTD113ZT
Description  NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
File Size   71.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTD113ZT Datasheet (PDF) - NXP Semiconductors



Similar Part No. - PDTD113ZT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
More results


Similar Description - PDTD113ZT_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
PIMN31 NXP-PIMN31 Datasheet
94Kb / 11P
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
logo
Nexperia B.V. All right...
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
PIMC31 NEXPERIA-PIMC31 Datasheet
228Kb / 14P
500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com