Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A5002 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE70A5002
Description  Step Resolution of 1 dB
File Size   543.98 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A5002 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE70A5002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
Step Resolution of 0.25 dB
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A5003 PASTERNACK-PE70A5003 Datasheet
752Kb / 10P
TECHNICAL DATA SHEET
PE70A5004 PASTERNACK-PE70A5004 Datasheet
570Kb / 6P
TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
TECHNICAL DATA SHEET
More results


Similar Description - PE70A5002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
Step Resolution of 1 dB
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
Step Resolution of 0.25 dB
PE70A6000 PASTERNACK-PE70A6000 Datasheet
514Kb / 8P
Step Resolution of 0.06 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com