Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372 Datasheet (PDF) - Analog Devices

AD8372 Datasheet PDF - Analog Devices
Part # AD8372
Download  AD8372 Download
File Size   724.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 41 dB Range, 1 dB Step Size, Programmable Dual VGA

AD8372 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8372 Datasheet PDF - Analog Devices

Part # AD8372
Download  AD8372 Click to download

File Size   724.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 41 dB Range, 1 dB Step Size, Programmable Dual VGA

AD8372 Datasheet (HTML) - Analog Devices


AD8372 Product details

GENERAL DESCRIPTION

The AD8372 is a dual, digitally controlled, variable gain amplifier that provides precise gain control, high IP3, and low noise figure. The excellent distortion performance and moderate signal bandwidth make the AD8372 a suitable gain control device for a variety of multichannel receiver

applications.



FEATURES

Dual independent digitally controlled VGA

Differential input and output

   150 Ω differential input

   Open-collector differential output

7.8 dB noise figure to 100 MHz @ maximum gain

HD2/HD3 better than 77 dBc for 1 V p-p differential output

−3 dB bandwidth of 150 MHz

41 dB gain range

1 dB step size ± 0.2 dB

Serial 8-bit bidirectional SPI control interface

Wide input dynamic range

Pin-programmable output stage

Power-down feature

Single 5 V supply: 106 mA per channel

32-lead LFCSP, 5 mm × 5 mm package




Similar Part No. - AD8372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
AD8372-EVALZ AD-AD8372-EVALZ Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
AD8372ACPZ-R7 AD-AD8372ACPZ-R7 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
AD8372ACPZ-WP AD-AD8372ACPZ-WP Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
More results


Similar Description - AD8372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375 Datasheet
237Kb / 6P
24dB Range, 1dB Step Size Programmable VGA
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
Step Resolution of 1 dB
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com