Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet (PDF) - Analog Devices

AD8375 Datasheet PDF - Analog Devices
Part # AD8375
Download  AD8375 Download
File Size   237.69 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24dB Range, 1dB Step Size Programmable VGA

AD8375 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8375 Datasheet PDF - Analog Devices

Part # AD8375
Download  AD8375 Click to download

File Size   237.69 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24dB Range, 1dB Step Size Programmable VGA

AD8375 Datasheet (HTML) - Analog Devices


AD8375 Product details

GENERAL DESCRIPTION
The AD8375 is a digitally controlled, variable gain, wide bandwidth amplifier that provides precise gain control, high IP3, and low noise figure. The excellent distortion performance and high signal bandwidth make the AD8375 an excellent gain control device for a variety of receiver applications.

FEATURES
   Bandwidth of 630 MHz (−3 dB)
   Gain range: −4 dB to +20 dB
   Step size: 1 dB ± 0.2 dB
   Differential input and output
   Noise figure: 8 dB @ maximum gain
   Output IP3 of ~50 dBm at 200 MHz
   Output P1dB of 19 dBm at 200 MHz
   Provides constant SFDR vs. gain
   Parallel 5-bit control interface
   Power-down feature
   Single 5 V supply operation
   24-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
   Differential ADC drivers
   High IF sampling receivers
   Wideband multichannel receivers
   Instrumentation




Similar Part No. - AD8375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8375ACPZ-R7 AD-AD8375ACPZ-R7 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
More results


Similar Description - AD8375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
logo
Agilent(Hewlett-Packard...
84904K HP-84904K Datasheet
137Kb / 8P
Programmable Step Attenuators
logo
RF Micro Devices
RFDA0035 RFMD-RFDA0035 Datasheet
895Kb / 11P
DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
AD8372 AD-AD8372_17 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com