Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8375
Description  24dB Range, 1dB Step Size Programmable VGA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 4 Page - Analog Devices

  AD8375 Datasheet HTML 1Page - Analog Devices AD8375 Datasheet HTML 2Page - Analog Devices AD8375 Datasheet HTML 3Page - Analog Devices AD8375 Datasheet HTML 4Page - Analog Devices AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD8375
Preliminary Technical Data
Rev. PrB | Page 4 of 6
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Supply Voltage, VPOS
5.5 V
PWUP, A0, A1, A2, A3, A4
-0.6 to (VPOS + 0.6V)
Input Voltage, VIN+ ,VIN-
-0.6 to +3.1V
Internal Power Dissipation
TBD mW
θJA (Exposed paddle soldered down)
TBD°C/W
θJA (Exposed paddle not soldered down)
TBD°C/W
θJC (At exposed paddle)
TBD°C/W
Maximum Junction Temperature
TBD°C
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering 60 sec)
TBD°C
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com