Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8375
Description  24dB Range, 1dB Step Size Programmable VGA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 5 Page - Analog Devices

  AD8375 Datasheet HTML 1Page - Analog Devices AD8375 Datasheet HTML 2Page - Analog Devices AD8375 Datasheet HTML 3Page - Analog Devices AD8375 Datasheet HTML 4Page - Analog Devices AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Technical Data
AD8375
Rev. PrB | Page 5 of 6
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
Figure 2. 24 Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOM
Common Mode Pin. Typically bypassed to ground using external capacitor.
2
VIN+
Voltage Input Positive.
3
VIN-
Voltage Input Negative.
4
A4
The Most Significant Bit (MSB) for the 5-bit Gain Control Interface.
5
A3
MSB-1 for the Gain Control Interface.
6
A2
MSB-2 for the Gain Control Interface.
7
A1
LSB+1 for the Gain Control Interface.
8
A0
The Least Significant Bit (LSB) for the 5-bit Gain Control Interface.
9, 10,12, 13,
23
VPOS
Positive Supply Pins. Should be bypassed to Ground using suitable bypass capacitor.
11, 14, 20,
21, 22, 24
COMM
Device Common (DC Ground).
15, 17
VOUT+
Positive Ouptut Pins (Open Collector). Require DC bias of +5V nominal.
16, 18
VOUT-
Negative Ouptut Pins (Open Collector). Require DC bias of +5V nominal.
19
PWUP
Chip Enable Pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com