Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8375
Description  24dB Range, 1dB Step Size Programmable VGA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 3 Page - Analog Devices

  AD8375 Datasheet HTML 1Page - Analog Devices AD8375 Datasheet HTML 2Page - Analog Devices AD8375 Datasheet HTML 3Page - Analog Devices AD8375 Datasheet HTML 4Page - Analog Devices AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Technical Data
AD8375
Rev. PrB | Page 3 of 6
Parameter
Conditions
Min
Typ
Max
Unit
200 MHz
Gain Code = 00000
Noise Figure
8.5
dB
Second Harmonic
VOUT = 2 V p-p
-85
dBc
Third Harmonic
VOUT = 2 V p-p
-88
dBc
Output IP3
2 MHz spacing, +3 dBm per tone
50
dBm
Output 1 dB Compression Point
18
dBm
POWER-INTERFACE
Supply Voltage
4.5
5.5
V
Quiescent Current per Channel
thermal connection made to exposed paddle
under device
130
140
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
165
mA
Power Down Current
PWUP Low
3
mA
vs. Temperature
−40°C ≤TA ≤ +85°C
TBD
mA
ENABLE INTERFACE
Pin PWUP
Enable Threshold
Minimum voltage to enable the device
1.6
V
PWUP Input Bias Current
0.5
nA
GAIN CONTROL INTERFACE
Pins A0, A1, A2, A3, A4
VIH
Minimum voltage for a logic high
1.6
V
VIL
Maximum voltage for a logic low
0.8
Maximum Input Bias Current
900
nA
Table 2. Gain-Code versus Voltage Gain Look-Up Table
5-Bit Binary Gain Code
Voltage Gain (dB)
5-Bit Binary Gain Code
Voltage Gain (dB)
00000
20
01101
7
00001
19
01110
6
00010
18
01111
5
00011
17
10000
4
00100
16
10001
3
00101
15
10010
2
00110
14
10011
1
00111
13
10100
0
01000
12
10101
-1
01001
11
10110
-2
01010
10
10111
-3
01011
9
11000
-4
01100
8
>11000
-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com