Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8375 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8375
Description  24dB Range, 1dB Step Size Programmable VGA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 1 Page - Analog Devices

  AD8375 Datasheet HTML 1Page - Analog Devices AD8375 Datasheet HTML 2Page - Analog Devices AD8375 Datasheet HTML 3Page - Analog Devices AD8375 Datasheet HTML 4Page - Analog Devices AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
24dB Range, 1dB Step Size Programmable
VGA
Preliminary Technical Data
AD8375
Rev. PrB
March 13, 2007
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2007 Analog Devices, Inc. All rights reserved.
FEATURES
-4 to 20dB Gain Range
1 dB Step Size
± 0.2 dB
Differential input and output
150 Ω Differential Input
Open Collector Differential Output
8dB noise figure @ maximum gain
OIP3 of ~50dBm at 140MHz
−3 dB bandwidth of 690 MHz
Parallel 5-bit Control Interface
Wide input dynamic range
Power-down feature
Single 5V Supply Operation
24 Lead LFCSP 4 x 4 mm Package
APPLICATIONS
Differential ADC drivers
High IF Sampling Receivers
High Output Power IF Amplification
Instrumentation
GENERAL DESCRIPTION
The AD8375 is a digitally controlled, variable gain wide
bandwidth amplifier that provides precise gain control, high IP3
and low noise figure. The excellent distortion performance and
high signal bandwidth makes the AD8375 an excellent gain
control device for a variety of receiver applications.
For wide input dynamic range applications, the AD8375 pro-
vides a broad 24dB gain range with 1 dB resolution. The gain is
adjusted through a 5-pin control interface and can be driven
using standard TTL levels. The open-collector outputs provide a
flexible interface, allowing the overall signal gain to be set by
the loading resistance. The AD8375 offers a maximum trans-
conductance gain of 67 mΩ-1’s, resulting in a signal gain of 20dB
when driving a 150-Ohm load. The maximum signal gain
increases to ~24dB when driving a 250-Ohm differential load.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Using a high speed SiGe process and incorporating proprietary
distortion cancellation techniques, the AD8375 achieves
50 dBm output IP3 at 140 MHz.
The AD8375 is powered on by applying the appropriate logic
level to the PWUP pin. The quiescent current of the AD8375 is
typically 130mA. When powered down, the AD8375 consumes
less than 5mA and offers excellent input to output isolation. The
gain setting is preserved when powered down.
Fabricated on an ADI’s high speed SiGe process, the AD8375
provides precise gain adjustment capabilities with good distortion
performance. The AD8375 amplifier comes in a compact,
thermally enhanced 4 x 4mm 24-lead LFCSP package and
operates over the temperature range of −40°C to +85°C.


Similar Part No. - AD8375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8375 AD-AD8375 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8375-EVALZ AD-AD8375-EVALZ Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8375ACPZ-R7 AD-AD8375ACPZ-R7 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
More results

Similar Description - AD8375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
758Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
logo
Agilent(Hewlett-Packard...
84904K HP-84904K Datasheet
137Kb / 8P
Programmable Step Attenuators
logo
RF Micro Devices
RFDA0035 RFMD-RFDA0035 Datasheet
895Kb / 11P
DIGITAL CONTROLLED IF DUAL VGA 5 BIT 1dB LSB CONTROL
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
Dual, 35 dB Range, 1 dB Step Size DGA
REV. 0
AD8372 AD-AD8372_17 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
ADL5330 AD-ADL5330_17 Datasheet
678Kb / 24P
VGA with Gain Control Range
11/2017-Rev. A to Rev. B
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com