Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6522 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6522
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver
File Size   265.18 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6522 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - AMMP-6522_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522-BLKG AVAGO-AMMP-6522-BLKG Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6522-BLKG AVAGO-AMMP-6522-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6522-BLKG BOARDCOM-AMMP-6522-BLKG Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522-TR1G AVAGO-AMMP-6522-TR1G Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6522-TR1G AVAGO-AMMP-6522-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
More results


Similar Description - AMMP-6522_15

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
130Kb / 4P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
Mimix Broadband
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
18.0-25.0 GHz GaAs MMIC Receiver
logo
Hittite Microwave Corpo...
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
GaAs MMIC LNA
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com