Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6532 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMP-6532 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMP-6532
Download  AMMP-6532 Download
File Size   190.3 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20-32 GHz GaAs MMIC LNA/IRM Receiver

AMMP-6532 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMP-6532 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6532
Download  AMMP-6532 Click to download

File Size   190.3 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20-32 GHz GaAs MMIC LNA/IRM Receiver

AMMP-6532 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AMMP-6532

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6532-BLKG AVAGO-AMMP-6532-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6532-BLKG BOARDCOM-AMMP-6532-BLKG Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6532-TR1G AVAGO-AMMP-6532-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6532-TR1G BOARDCOM-AMMP-6532-TR1G Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
More results


Similar Description - AMMP-6532

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
130Kb / 4P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com