Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6532 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6532
Description  20-32 GHz GaAs MMIC LNA/IRM Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6532 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6532 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics
TA=25°C, Vd=3.0V, Vg=-1V,Idq=83mA Zo=50 Ω, LO=+15dBm, IF=2GHz
Parameter
RF=22GHz, LO=24GHz
RF=30GHz, LO=32GHz
Unit
Comment
Min
Typ
Max
Min
Typ
Max
Noise Figure into 50 Ω, NF
3
4.5
3
4.5
dB
Conversion Gain, CG
10
13
10
13
dB
Input Third Order Intercept, IIP3
-5
-4
-5
-4
dBm
Image Rejection, Sup
15
15
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Id
60
90
mA
Vd = 4.0 V
Drain Supply Voltage, Vd
3
5
V
Gate Supply Voltage, Vg
-1.0
V
Ig = 0.1mA
RF Frequency, RFfreq
20
32
GHz
LO Frequency, LOfreq
18
34
GHz
IF Frequency, IFfreq
1
3.5
GHz
LO Drive Power, LO
+10
+15
+22
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com