| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX3221E
|
153Kb / 16P |
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98 |
|
MAX3221
|
454Kb / 16P |
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03 |
|
MAX3224
|
211Kb / 20P |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
|
MAX3224
|
251Kb / 19P |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11 |
|
MAX3238CAI-T
|
207Kb / 12P |
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02 |
|
MAX3221
|
331Kb / 17P |
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15 |
|
MAX3221E
|
659Kb / 19P |
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11 |
|
MAX3224
|
430Kb / 19P |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11 |
|
MAX3221
|
1Mb / 16P |
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19 |
 Renesas Technology Corp |
ICL3224
|
410Kb / 27P |
1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19 |