| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX3221
|
318Kb / 16P |
1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99 |
|
MAX3221E
|
153Kb / 16P |
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98 |
|
MAX3224
|
235Kb / 20P |
1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98 |
|
MAX3221
|
454Kb / 16P |
1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03 |
|
MAX3224
|
211Kb / 20P |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
|
MAX3224
|
251Kb / 19P |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11 |
|
MAX3221
|
331Kb / 17P |
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15 |
|
MAX3221E
|
659Kb / 19P |
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11 |
 AiT Semiconductor Inc. |
A3232
|
455Kb / 8P |
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022 |
 3PEAK INC. |
TPT3232E
|
585Kb / 10P |
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1 |