Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPT3232E Datasheet (PDF) - 3PEAK INC.

TPT3232E Datasheet PDF - 3PEAK INC.
Part # TPT3232E
Download  TPT3232E Download
File Size   585.39 Kbytes
Page   10 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 3V to 5.5V, 250kbps RS-232 Transceivers

TPT3232E Datasheet (PDF)

Go To PDF Page Download Datasheet
TPT3232E Datasheet PDF - 3PEAK INC.

Part # TPT3232E
Download  TPT3232E Click to download

File Size   585.39 Kbytes
Page   10 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 3V to 5.5V, 250kbps RS-232 Transceivers

TPT3232E Datasheet (HTML) - 3PEAK INC.


TPT3232E Product details

Description
The TPT3232E is IEC61000 ESD protected, 3.0V to
5.5V powered transceivers that meet the RS-232
standards for balanced communication. Each receiver
converts TIA/RS-232 inputs to TTL/CMOS levels.
The devices have a typical threshold of 1.25V, a typical
hysteresis of 0.3V, and can accept ±15V inputs. The
device operates at data signaling rates up to 250 kbps.
The TPT3232E is available in SOP16, SSOP16 and
TSSOP16 package, and is characterized from –40°C
to 125°C.

Features
⚫ Meets the Requirements of TIA/EIA- 232-F and
ITU V.28 Standards
⚫ Wide Power Supply Range: Single +3V to +5.5V
⚫ Two Drivers and Two Receivers
⚫ Operates up to 250 kbps
⚫ Requires Only Four External 0.1μF Capacitors
⚫ ESD Protection for RS-232 Bus Pins
±15 kV (HBM)
±12 kV (IEC61000-4-2, Contact Discharge)
±15 kV (IEC61000-4-2, Air-Gap Discharge)

Applications
⚫ Battery-Powered Equipment
⚫ Industry Human Machine Interface
⚫ Notebook, Computers
⚫ Printers




Similar Part No. - TPT3232E

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
Contactless Temperature Measurement
More results


Similar Description - TPT3232E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com