Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3232 Datasheet (PDF) - AiT Semiconductor Inc.

A3232 Datasheet PDF - AiT Semiconductor Inc.
Part # A3232
Download  A3232 Download
File Size   455.76 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS

A3232 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3232 Datasheet PDF - AiT Semiconductor Inc.

Part # A3232
Download  A3232 Click to download

File Size   455.76 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS

A3232 Datasheet (HTML) - AiT Semiconductor Inc.


A3232 Product details

FEATURES
RS-232 Bus-terminal ESD protection Exceeds
±12kV (IEC61000-4-2, Contact Discharge)
±15kV (IEC61000-4-2, Air-Gap Discharge)
Meets the Requirements of TIA/EIA-232-F standard
Operates with 3V to 5.5V Vcc Supply
Operates up to 250kbps
Two Drivers and Two Receivers
External Capacitors: 4 × 0.1 uF
Accepts 5V Logic Input With 3.3V Supply
Operation Temperature: -40°C ~ +125 °C

DESCRIPTION
The A3232 consists of two line drivers, two line
receivers, and a dual charge-pump circuit with ±12kV
ESD protection termina to terminal.

The A3232 meets the requirements of TIA/EIA-232-F
and provides the electrical interface between an
asynchronous communication controller and the
serial-port connector.

The charge pump and four small external capacitors
allow operation from a single 3V to 5.5V supply. The
A3232 operates at data signaling rates up to 250
kbps.

The A3232 is available in SOP16 and TSSOP16
package.




Similar Part No. - A3232

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
Chopper-Stabilized Hall-Effect Bipolar Switch
A3230 ALLEGRO-A3230 Datasheet
362Kb / 12P
Chopper-Stabilized Hall-Effect Bipolar Switch
logo
Actel Corporation
A32300DX-1CQB ACTEL-A32300DX-1CQB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1CQC ACTEL-A32300DX-1CQC Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1PGB ACTEL-A32300DX-1PGB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
More results


Similar Description - A3232

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com