| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
DAC8420
|
587Kb / 16P |
Quad 12-Bit Serial Voltage Output DAC
REV.0 |
 Maxim Integrated Produc... |
MAX5104
|
119Kb / 12P |
Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99 |
|
MAX525
|
141Kb / 16P |
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96 |
|
MAX5250
|
134Kb / 16P |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96 |
|
MAX5253
|
135Kb / 16P |
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96 |
|
MAX5302
|
696Kb / 12P |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99 |
|
MAX5722
|
686Kb / 14P |
12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03 |
|
MAX5741
|
635Kb / 15P |
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03 |
 Analog Devices |
DAC8420
|
511Kb / 23P |
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C |
 Maxim Integrated Produc... |
MAX5253
|
695Kb / 16P |
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002 |