Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17A Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17A
Description  NPN 3 GHz wideband transistor
File Size   43.22 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17A Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.



Similar Part No. - BFS17A_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFS17AR VISHAY-BFS17AR Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFS17AR VISHAY-BFS17AR Datasheet
269Kb / 10P
Silicon NPN Planar RF Transistor
08-Sep-08
BFS17AW VISHAY-BFS17AW Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFS17AW VISHAY-BFS17AW Datasheet
269Kb / 10P
Silicon NPN Planar RF Transistor
08-Sep-08
BFS17A VISHAY-BFS17A_08 Datasheet
269Kb / 10P
Silicon NPN Planar RF Transistor
08-Sep-08
More results


Similar Description - BFS17A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG17A PHILIPS-BFG17A Datasheet
60Kb / 9P
NPN 3 GHz wideband transistor
1995 Sep 12
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
NPN 7 GHz wideband transistor
1995 Sep 13
BFS17A PHILIPS-BFS17A Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
September1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFS17A_2015 JMNIC-BFS17A_2015 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com