Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRA Datasheet (PDF) - Ohmite Mfg. Co.

Part # MRA
Description  Power dissipation up to 2W
File Size   301.36 Kbytes
Html View  1   2 
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MRA Datasheet (PDF) - Ohmite Mfg. Co.



Similar Part No. - MRA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
02-May-12
logo
Winchester Electronics ...
MRA WINCHESTER-MRA Datasheet
4Mb / 93P
Rack & Panel
logo
ETA-USA
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
25 WATT AC-DC CONVERTER
logo
Ohmite Mfg. Co.
MRA0104 OHMITE-MRA0104 Datasheet
301Kb / 2P
RoHS Compliant
More results


Similar Description - MRA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2N5923B GOOD-ARK-L2N5923B_15 Datasheet
217Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:2W
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
Power dissipation
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
POWER DISSIPATION
logo
Hirose Electric
AT HIROSE-AT_16 Datasheet
139Kb / 1P
Fixed Attenuators Up to 2W Power
logo
SHIKUES Electronics
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
Power dissipation
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
Power dissipation
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com