Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRA Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # MRA
Description  Power dissipation up to 2W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MRA Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  MRA Datasheet HTML 1Page - Ohmite Mfg. Co. MRA Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
6/14.02
MRA Precision Metal Film Resistors
Electrical Specifications
Type Wattage Max. operating
voltage
Resistance Range / Tolerance / TCR (ppm/ºC)
±0.05%
TCR
±0.1%
TCR
±0.25%
TCR
±0.5%
TCR
±1%
TCR
1/8W
200V
10R - 1M
±15ppm
±25ppm
±50 ppm
10R - 1M
±15ppm
±25ppm
±50 ppm
10R - 4M99
±15ppm
10R - 4M99
±15ppm
1R - 1M ±100ppm
10R - 10M
±25ppm
±50 ppm
10R - 10M
±25ppm
±50 ppm
1R - 10M
±100ppm
R1 - 10M
±100ppm
1/4W
250V
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
±50ppm
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
±50 ppm
10R - 1M
±5ppm
±10ppm
10R - 1M
±10ppm
1R - 1M ±100ppm
10R - 10M
±15ppm
±25ppm
±50 ppm
10R - 10M
±15ppm
±25ppm
±50 ppm
1R - 10M
±100ppm
R1 - 10M
±100ppm
1/2W
350V
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
±50ppm
10R - 1M
±5ppm
±10ppm
±15ppm
±25ppm
±50 ppm
10R - 1M
±5ppm
±10ppm
10R - 1M
±10ppm
1R - 1M ±100ppm
10R - 10M
±15ppm
±25ppm
±50 ppm
10R - 10M
±15ppm
±25ppm
±50 ppm
1R - 10M
±100ppm
R1 - 10M
±100ppm
1W
450V
10R - 1M
±15ppm
±25ppm
±50ppm
10R - 1M
±15ppm
±25ppm
±50ppm
10R - 4M99
±15ppm
10R - 4M99
±15ppm
1R - 1M ±100ppm
10R - 10M
±25ppm
±50 ppm
10R - 10M
±25ppm
±50 ppm
1R - 10M
±100ppm
R1 - 10M
±100ppm
2W
500V
10R - 1M
±15ppm
±25ppm
±50ppm
10R - 1M
±15ppm
±25ppm
±50ppm
10R - 4M99
±15ppm
10R - 4M99
±15ppm
1R - 1M ±100ppm
10R - 10M
±25ppm
±50 ppm
10R - 10M
±25ppm
±50 ppm
1R - 10M
±100ppm
R1 - 10M
±100ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com