Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T1002 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE80T1002
Description  Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
File Size   395.39 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T1002 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE80T1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1003 PASTERNACK-PE80T1003 Datasheet
374Kb / 1P
Zero Biased Detector With 50 Ohm N to BNC Female Video Out Operating From 10 MHz to 18.5 GHz
More results


Similar Description - PE80T1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTC6002 TELEDYNE-DTC6002 Datasheet
269Kb / 2P
0.01 TO 6.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
0.1 TO 8.0 GHz THRESHOLD DETECTOR
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
Threshold Detector .1 to 6 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com