Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T1003 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE80T1003
Description  Zero Biased Detector With 50 Ohm N to BNC Female Video Out Operating From 10 MHz to 18.5 GHz
File Size   374.28 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T1003 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE80T1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
More results


Similar Description - PE80T1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8013 PASTERNACK-PE8013 Datasheet
246Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 18.5 GHz
PE8014 PASTERNACK-PE8014 Datasheet
248Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 26.5 GHz
PE8016 PASTERNACK-PE8016 Datasheet
216Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 8 GHz
PE8000-50 PASTERNACK-PE8000-50 Datasheet
447Kb / 3P
Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com