Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2061 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE2061
Description  75 Ohm 8 Way BNC Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
File Size   210.05 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2061 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE2061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2062 PASTERNACK-PE2062 Datasheet
106Kb / 1P
75 OHM BNC FEMALE POWER DIVIDER FREQUENCY RANGE:10-1000 MHz 2 OUTPUT PORTS
PE2063 PASTERNACK-PE2063 Datasheet
110Kb / 1P
2.9mm FEMAL-MALE-MALE RESISTIVE POWER DIVIDER FREQUENCY RANGE: DC TO 12,4 GHz
PE2064 PASTERNACK-PE2064 Datasheet
110Kb / 1P
2.9MM FEMALE-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
PE2065 PASTERNACK-PE2065 Datasheet
565Kb / 3P
2 Way 2.92mm Resistive Power Divider
More results


Similar Description - PE2061

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
logo
M/A-COM Technology Solu...
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2070 PASTERNACK-PE2070 Datasheet
243Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2080 PASTERNACK-PE2080 Datasheet
234Kb / 2P
50 Ohm 2 Way SMA Power Divider From 4 GHz to 8 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com