Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12702 Datasheet (PDF) - Hamamatsu Corporation

Part # C12702
Description  Operates an APD with single 5 V supply (Standard type, Short-wavelengh type)
File Size   1025.32 Kbytes
Html View  1   2   3   4   5 
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12702 Datasheet (PDF) - Hamamatsu Corporation



Similar Part No. - C12702_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12702-11 HAMAMATSU-C12702-11 Datasheet
185Kb / 5P
APD modules
C12702-12 HAMAMATSU-C12702-12 Datasheet
185Kb / 5P
APD modules
More results


Similar Description - C12702_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5331 HAMAMATSU-C5331 Datasheet
223Kb / 4P
Operates an APD with single 5 V supply
S5343 HAMAMATSU-S5343 Datasheet
85Kb / 4P
Short wavelength type APD
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
Short wavelength type APD
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
Long wavelength type APD
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
Operates From a Single 5-V Supply
logo
Hamamatsu Corporation
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
Short wavelength type APD, for 600 nm band
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
Long wavelength type APD
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
OPERATES WITH A SINGLE 3.3V SUPPLY
Sep-2003
logo
Maxim Integrated Produc...
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
Operates from a Single Supply
Rev 0; 11/17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com