Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53250 Datasheet (PDF) - Micropac Industries

Part # 53250
Description  RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
File Size   161.15 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53250 Datasheet (PDF) - Micropac Industries



Similar Part No. - 53250

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
532504 WALTHER-532504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
532509 WALTHER-532509 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
More results


Similar Description - 53250

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53246 MICROPAC-53246 Datasheet
153Kb / 7P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53254 MICROPAC-53254 Datasheet
145Kb / 4P
40VDC - 10A SOLID STATE RELAY
53257 MICROPAC-53257 Datasheet
119Kb / 4P
RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
53258 MICROPAC-53258 Datasheet
118Kb / 4P
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK Datasheet
115Kb / 6P
Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710SE10A2QK IRF-RDHA710SE10A2QK Datasheet
122Kb / 6P
Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
Radiation Hardended, 100V Single 10A, Solid State Relay
RDHA710SE10A2SK IRF-RDHA710SE10A2SK Datasheet
120Kb / 6P
Radiation Hardended Solid-State Relay with Buffered Inputs
RDHB710SE20A2SX IRF-RDHB710SE20A2SX Datasheet
136Kb / 7P
Radiation Hardended, Solid-State Relay with Buffered Inputs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com