Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVG20S Datasheet (PDF) - OptoDiode Corp

Part # UVG20S
Description  Ideal for 190-400 nm detection
File Size   280.59 Kbytes
Html View  1   2 
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

UVG20S Datasheet (PDF) - OptoDiode Corp



Similar Part No. - UVG20S

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG20S OPTODIODE-UVG20S Datasheet
280Kb / 2P
Photodiode 24 mm2
UVG20S OPTODIODE-UVG20S_18 Datasheet
280Kb / 2P
Photodiode 24 mm2
More results


Similar Description - UVG20S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SSA230 FRONTIER-SSA230 Datasheet
113Kb / 1P
SOLID STATE ARRESTER (190 . 400 VOLTS)
logo
OptoDiode Corp
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
ELECTRON DETECTION 100 mm Ideal for electron detection
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVHS11 OPTODIODE-AXUVHS11 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
UVG5S OPTODIODE-UVG5S Datasheet
321Kb / 2P
Ideal for 225-400 nm detection
logo
OSRAM GmbH
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com