Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

Part # SMM4F
Description  Stand off voltage range - from 5 V to 33 V
File Size   285.4 Kbytes
Html View  1   2   3   4   5 
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMM4F Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.



Similar Part No. - SMM4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMM4F10A STMICROELECTRONICS-SMM4F10A Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
SMM4F10A STMICROELECTRONICS-SMM4F10A Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
SMM4F10A-TR STMICROELECTRONICS-SMM4F10A-TR Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
SMM4F12A STMICROELECTRONICS-SMM4F12A Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
More results


Similar Description - SMM4F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ13CA-TR STMICROELECTRONICS-SMBJ13CA-TR Datasheet
133Kb / 10P
Stand off voltage range: from 5 V to 188 V
20-Oct-2010
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
STMicroelectronics
SMX1J STMICROELECTRONICS-SMX1J Datasheet
194Kb / 11P
Stand off voltage 7.5 V
27-Oct-2010
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com