Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX1J Datasheet (PDF) - STMicroelectronics

SMX1J Datasheet PDF - STMicroelectronics
Part # SMX1J
Download  SMX1J Download
File Size   194.03 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stand off voltage 7.5 V

SMX1J Datasheet (PDF)

Go To PDF Page Download Datasheet
SMX1J Datasheet PDF - STMicroelectronics

Part # SMX1J
Download  SMX1J Click to download

File Size   194.03 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stand off voltage 7.5 V

SMX1J Datasheet (HTML) - STMicroelectronics


SMX1J Product details

Description
The SMX1J Transil has been designed to protect sensitive equipment against electro-static discharges according to IEC 61000-4-2, MIL STD 883 Method 3015, and electrical over stress such as IEC 61000-4-4 and 5. They are generally for surges below 85 W 10/1000 µs. The Planar technology makes it compatible with high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time. The SMX1J is packaged in µQFN-2L.

Features
■ Peak pulse power: – 85 W (10/1000 µs) – 800 W (8/20 µs)
■ Stand off voltage 7.5 V
■ Unidirectional
■ Low leakage current: – 1 µA at 25 °C – 2 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tj max: 78 W Complies with the following standards
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3B: – 25 kV HBM (human body model)




Similar Part No. - SMX1J

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
SMX1-151-5 RADIOMETRIX-SMX1-151-5 Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
SMX1-154-5-12K5-FCC RADIOMETRIX-SMX1-154-5-12K5-FCC Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
Small Multi-channel VHF Transceiver
More results


Similar Description - SMX1J

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
logo
STMicroelectronics
SMBJ13CA-TR STMICROELECTRONICS-SMBJ13CA-TR Datasheet
133Kb / 10P
Stand off voltage range: from 5 V to 188 V
20-Oct-2010
logo
Bedford Opto Technology...
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
Stand-off Voltage 5.0 to 188V
SMCJ_5.0_188CA BWTECH-SMCJ_5.0_188CA Datasheet
593Kb / 7P
Stand-off Voltage 5.0 to 188V
3.0SMCJ5.0_220A BWTECH-3.0SMCJ5.0_220A Datasheet
595Kb / 7P
Stand-off Voltage : 5.0 to 220V
logo
Surge Components
TCD6F13AH SURGE-TCD6F13AH Datasheet
318Kb / 2P
Stand-off Voltage - 13 Volts
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
List of Unclassifed Man...
L13ESD5V0CE2 ETC2-L13ESD5V0CE2 Datasheet
138Kb / 5P
STAND-OFF VOLTAGE - 5.0 Volts
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com