Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX1J Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 3 Page - STMicroelectronics

  SMX1J Datasheet HTML 1Page - STMicroelectronics SMX1J Datasheet HTML 2Page - STMicroelectronics SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMX1J
Characteristics
Doc ID 16180 Rev 3
3/11
Figure 4.
Peak pulse power dissipation
versus initial junction temperature
Figure 5.
Peak pulse power versus
exponential pulse duration
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j
10
100
1000
10000
1
10
100
1000
10000
P (W)
PP
T initial = 25 °C
j
T (µs)
P
Figure 6.
Clamping voltage versus peak
pulse current (exponential
waveform, typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage
(typical values)
1
10
911
VCL(V)
I (A)
PP
T initial = 25 °C
10/1000 µs
j
10
12
100
125
150
175
200
225
250
275
300
325
350
375
400
01
23
45
C(pF)
VLINE (V)
F = 1 MHz
V
OSC
= 30 mVRMS
Tj = 25 °C
Figure 8.
Forward voltage drop versus peak
forward current (typical values)
Figure 9.
Leakage current versus junction
temperature (typical values)
0.01
0.1
1
10
0.5
1.0
1.5
2.0
I
FM (A)
VFM (V)
0
100
200
300
400
500
25
50
75
100
125
150
Ir (nA)
0
100
200
300
400
500
25
50
75
100
125
150
T(°C)
j
°
I(nA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com