Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX1J Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 4 Page - STMicroelectronics

  SMX1J Datasheet HTML 1Page - STMicroelectronics SMX1J Datasheet HTML 2Page - STMicroelectronics SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ordering information scheme
SMX1J
4/11
Doc ID 16180 Rev 3
2
Ordering information scheme
Figure 10.
Ordering information scheme
SM
X
1 J7.5 A
-
TR
Surface Mount
Peak Pulse Power
Package
1 = 100 W (typical value)
X = µQFN-2L
Stand off voltage
7.5 = 7.5 V
Type
A = Unidirectional
Delivery mode
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com