Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX1J Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 2 Page - STMicroelectronics

  SMX1J Datasheet HTML 1Page - STMicroelectronics SMX1J Datasheet HTML 2Page - STMicroelectronics SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
SMX1J
2/11
Doc ID 16180 Rev 3
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Figure 3.
Pulse waveform
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (1)
Tj initial = Tamb
85
W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
VV
V
I RM
I R
I PP
V
I
I F
V
V
Slope = 1/ Rd
V
V
CL
V
BR
RM
V
F
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
R
=
Dynamic impedance
I
=
Peak pulse current
I
=
Breakdown current
T
=
Voltage temperature coefficient
V
=
Forward voltage drop
BR
RM
RM
RM
CL
d
PP
R
F
α
Table 2.
Electrical characteristics - parameter values (Tamb = 25 °C)
Type
IRM max@VRM
VBR @IR min
(1)
VCL @IPP
(2)
10/1000 µs
RD
(3)
10/1000 µs
VCL @IPP
(2)
8/20 µs
RD
(3)
8/20 µs
αT (4)
25 °C 85 °C
min
max
max
max
µA
V
V
mA
V
A
Ω
VA
Ω
10-4/ °C
SMX1J7.5A
1
2
7.5
8.3
1
14
6.2
0.3
20
40
0.2
6.5
1.
Pulse test : tp < 50 ms
2.
Surge capability given for both directions for unidirectional and bidirectional types
3.
To calculate maximum clamping voltage at other surge level, use the following formula
VCLmax = VCL - RD x ( IPP - IPPappli) where IPPappli is the surge current in the application
4.
To calculate VBR or VCL versus junction temperature, use the following formule:
VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj – 25))
VCL @ Tj = VCL @ 25 °C x (1 + αT x (Tj – 25))
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp
%Ipp
0
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com