Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMX1J Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMX1J
Description  Stand off voltage 7.5 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMX1J Datasheet(HTML) 5 Page - STMicroelectronics

  SMX1J Datasheet HTML 1Page - STMicroelectronics SMX1J Datasheet HTML 2Page - STMicroelectronics SMX1J Datasheet HTML 3Page - STMicroelectronics SMX1J Datasheet HTML 4Page - STMicroelectronics SMX1J Datasheet HTML 5Page - STMicroelectronics SMX1J Datasheet HTML 6Page - STMicroelectronics SMX1J Datasheet HTML 7Page - STMicroelectronics SMX1J Datasheet HTML 8Page - STMicroelectronics SMX1J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SMX1J
Package information
Doc ID 16180 Rev 3
5/11
3
Package information
●
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
●
Flammability: Epoxy is rated UL94V-0
●
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose
Table 3.
µQFN-2L dimensions
Ref
Dimensions
Millimetres
Inches
Min
Typ
Max
Min
Typ
Max
A
0.51
0.55
0.60 0.020 0.022 0.024
A1
0.00
0.02
0.05 0.000 0.001 0.002
b1
0.25
0.30
0.35 0.010 0.012 0.014
D1.45
0.057
E1.00
0.039
e
0.95
1.00
1.05 0.037 0.039 0.041
L1
0.75
0.80
0.85 0.030 0.031 0.033
Figure 11.
Footprint dimensions in mm
(inches)
Figure 12.
Marking
D
E
A1
A
b1
e
L1
Pin 1 ID
0.83
(0.022)
(0.067)
1.72
(0.033)
0.55
(0.022)
0.55
(0.024)
0.62
L
Pin 1
Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com