Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKSK Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

Part # SKSK
Description  0.6mm Low-profile double action type
File Size   781.17 Kbytes
Html View  1   2   3 
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSK Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.



Similar Part No. - SKSK

ManufacturerPart #DatasheetDescription
logo
Eravant
SKS-0522734060-SFSF-A3 ERAVANT-SKS-0522734060-SFSF-A3 Datasheet
244Kb / 2P
SPST PIN Switch with TTL Driver, 0.5 to 27.0 GHz, Absorptive
SKS-0525035050-2F2F-A3 ERAVANT-SKS-0525035050-2F2F-A3 Datasheet
252Kb / 2P
SPST PIN Switch with TTL Driver, 0.5 to 50 GHz, Absorptive
SKS-0525035050-2F2F-AA ERAVANT-SKS-0525035050-2F2F-AA Datasheet
391Kb / 3P
SPST PIN Switch with TTL Driver, Absorptive, 0.5 to 50 GHz
Rev 1.0
SKS-1141445020-0606-A1-M ERAVANT-SKS-1141445020-0606-A1-M Datasheet
299Kb / 3P
SPST Absorptive Switch with TTL Driver, 110 to 145 GHz
Rev 1.0
SKS-1141743030-0606-R1-M ERAVANT-SKS-1141743030-0606-R1-M Datasheet
248Kb / 2P
SPST Reflective Switch with TTL Driver, 90 to 140 GHz
Rev 1.0
More results


Similar Description - SKSK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
Double action station
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN Datasheet
170Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKSD ALPS-SKSD Datasheet
192Kb / 3P
4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SPEE ALPS-SPEE Datasheet
295Kb / 3P
Horizontal Type Double Action
logo
Diodes Incorporated
DMP4047LFDE DIODES-DMP4047LFDE Datasheet
224Kb / 6P
0.6mm profile ??ideal for low profile applications
Rev 5
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
0.6mm low-profile, double action type
logo
C&K Components
KXT2 CK-COMPONENTS-KXT2 Datasheet
232Kb / 2P
Double Action Ultra Low Profile Top Actuated
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com