Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4314 Datasheet (PDF) - Peregrine Semiconductor

Part # PE4314
Description  UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
File Size   1031.12 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE4314

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
PE4314 PASTERNACK-PE4314 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
logo
Peregrine Semiconductor
PE4314 PSEMI-PE4314 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE4314B-Z PSEMI-PE4314B-Z Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
Pasternack Enterprises,...
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
More results


Similar Description - PE4314

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43711 PSEMI-PE43711 Datasheet
636Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE43712 PSEMI-PE43712 Datasheet
653Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz?? GHz
PE43713 PSEMI-PE43713 Datasheet
659Kb / 31P
UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com