| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS71202
|
368Kb / 15P |
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
|
 Analog Devices |
ADP150
|
620Kb / 20P |
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0 |
|
ADP151
|
540Kb / 24P |
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0 |
|
ADP150_VA
|
580Kb / 20P |
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A |
|
ADP151_VD
|
574Kb / 24P |
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D |
|
ADM7160
|
844Kb / 24P |
Ultralow Noise, 200 mA Linear Regulator
REV. 0 |
|
ADP150
|
603Kb / 20P |
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B |
|
ADP151CB-3.3-EVALZ
|
561Kb / 24P |
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E |
 Texas Instruments |
TPS71202DRCT
|
639Kb / 21P |
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
|
|
TPS71202
|
964Kb / 21P |
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
|